PART |
Description |
Maker |
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
AM29F080B-75SC |
Flash Memory IC; Memory Size:8Mbit; Memory Configuration:1M x 8; Package/Case:44-SOIC; Supply Voltage:5V; Access Time, Tacc:75ns; Mounting Type:Surface Mount 1M X 8 FLASH 5V PROM, 70 ns, PDSO44
|
Spansion, Inc.
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
W39V040A W39V040AQ W39V040AP |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K 】 8 CMOS FLASH MEMORY WITH LPC INTERFACE
|
Winbond Electronics WINBOND[Winbond]
|
W39V040FA W39V040FAT W39V040FAP W39V040FAQ |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
|
Winbond Electronics WINBOND[Winbond]
|
TE28F640J3 TE28F256J3 TE28F320J3C-110 TE28F128J3A- |
8M X 16 FLASH 2.7V PROM, 120 ns, PDSO56 Intel StrataFlash Memory (J3) Strata Flash Memory 256M 256M Strata Flash Memory
|
NUMONYX Intel Corporation
|
MB84VA2007-10 MB84VA20 MB84VA2006 MB84VA2006-10 MB |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LE28F4001M LE28F4001R LE28F4001R-15 LE28F4001R-20 |
4MEG (524288words x 8bit) flash memory 4 MEG (524288 words x 8 bits) Flash Memory
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
M5M29KE131BVP |
Memory>NOR type Flash Memory 134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY Stacked-uMCP (micro Multi Chip Package)
|
Renesas Electronics Corporation
|